Part Number Hot Search : 
M29LV0 MSZ52 MC14067B 500211 01901 BRCD3470 IRKT1 MBM75F12
Product Description
Full Text Search
 

To Download ML61X302XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p1/13 rev. h, august 2009 ml61 ml61 series positive voltage detector  application  memory battery back-up circuits  microprocessor reset circuitry  power failure detection  power-on reset circuit  system battery life and charge voltage monitor  features  cmos low power consumption : typical 1.0ua at vin=2.0v  selectable detect voltage : 1.1v to 7.0v in 0.1v in crements  highly accurate : detect voltage 1.1v to 1.9v + 3% detect voltage 2.0v to 7.0v + 2%  operating voltage : 0.8v to 10.0v  package available : sot23 (150mw), sot89 (500mw) & to92 (300mw)  general description the ml61 is a group of high-precision and low-power voltage detectors. the ml61 consists of a highly-accurate and low-power re ference voltage source, a comparator, a hysteresis circuit, and an output driver. detect vo ltage is very accurate and stable with n-channel open drain and cmos, are available.  block diagram (1) cmos output (2) n-channel open drain output  absolute maximum ratings parameter symbol ratings units input voltage v in 10 v output current i out 50 ma output voltage v out v ss -0.3 ~v in +0.3 v sot-23 150 sot-89 500 continuous total power dissipation to-92 p d 300 mw operating ambient temperature t opr -40 ~ +70 o c storage temperature t stg -40 ~ +70 o c
p2/13 rev. h, august 2009 ml61  electrical characteristics parameter symbol conditions min typ max units v df = 1.1v to 1.9v x 0.97 v df x 1.03 v detect voltage v df v df = 2.0v to 7.0v x 0.98 v df x 1.02 v v df = 1.1v to 2.9v x 0.04 v df x 0.05 x 0.06 v hysteresis range v hys v df = 3.0v to 7.0v x 0.015 v df x 0.025 x 0.035 v v in = 1.0v 0.8 2.0 v in = 2.0v 1.0 2.5 v in = 3.0v 1.3 3.0 v in = 4.0v 1.6 3.5 supply current i ss v in = 5.0v 2.0 4.0 ua operating voltage v in v df = 1.1~7.0v 0.8 10.0 v nch v ds = 0.5v v in = 1.0v 1.0 v in = 2.0v 3.0 v in = 3.0v 5.0 v in = 4.0v 11.0 v in = 5.0v 13.0 pch v ds = 2.1v v in = 8.0v -10.0 output current i out (cmos output) ma transient delay time (v dr -> v out inversion) t dly while v in changes from 0.6v to 10v 0.2 ms
p3/13 rev. h, august 2009 ml61  electrical characteristics by detector threshold standard detector accuracy min. typ. max. min. max. condition typ. max. ml61x113xx 1.067 1.100 1.133 ml61x123xx 1.164 1.200 1.236 ml61x133xx 1.261 1.300 1.339 ml61x143xx 1.358 1.400 1.442 ml61x153xx 1.455 1.500 1.545 ml61x163xx 1.552 1.600 1.648 ml61x173xx 1.649 1.700 1.751 ml61x183xx 1.746 1.800 1.854 ml61x193xx 1.843 1.900 1.957 ml61x202xx 1.960 2.000 2.040 ml61x212xx 2.058 2.100 2.142 ml61x222xx 2.156 2.200 2.244 ml61x232xx 2.254 2.300 2.346 ml61x242xx 2.352 2.400 2.448 ml61x252xx 2.450 2.500 2.550 ml61x262xx 2.548 2.600 2.652 ml61x272xx 2.646 2.700 2.754 ml61x282xx 2.744 2.800 2.856 ml61x292xx 2.842 2.900 2.958 ML61X302XX 2.940 3.000 3.060 ml61x312xx 3.038 3.100 3.162 ml61x322xx 3.136 3.200 3.264 ml61x332xx 3.234 3.300 3.366 ml61x342xx 3.332 3.400 3.468 ml61x352xx 3.430 3.500 3.570 ml61x362xx 3.528 3.600 3.672 ml61x372xx 3.626 3.700 3.774 ml61x382xx 3.724 3.800 3.876 ml61x392xx 3.822 3.900 3.978 ml61x402xx 3.920 4.000 4.080 ml61x412xx 4.018 4.100 4.182 ml61x422xx 4.116 4.200 4.284 ml61x432xx 4.214 4.300 4.386 ml61x442xx 4.312 4.400 4.488 ml61x452xx 4.410 4.500 4.590 ml61x462xx 4.508 4.600 4.692 ml61x472xx 4.606 4.700 4.794 ml61x482xx 4.704 4.800 4.896 ml61x492xx 4.802 4.900 4.998 ml61x502xx 4.900 5.000 5.100 ml61x512xx 4.998 5.100 5.202 ml61x522xx 5.096 5.200 5.304 ml61x532xx 5.194 5.300 5.406 ml61x542xx 5.292 5.400 5.508 ml61x552xx 5.390 5.500 5.610 ml61x562xx 5.488 5.600 5.712 ml61x572xx 5.586 5.700 5.814 ml61x582xx 5.684 5.800 5.916 ml61x592xx 5.782 5.900 6.018 ml61x602xx 5.880 6.000 6.120 ml61x702xx 6.860 7.000 7.210 v in = 6.0v 2.4 4.5 2.5 2.0 1.0 v in = 1.0v 0.8 v in = 2.0v v in = 5.0v 2.0 4.0 v in = 3.0v 1.3 3.0 v in = 4.0v 1.6 3.5 supply current i ss (ua) 3% hysteresis range v hys (v) detector threshold v df (v) v df x 0.04 v df x 0.06 2% part number v df x 0.015 v df x 0.035
p4/13 rev. h, august 2009 ml61 transient delay time t dly (ms) min. max. condition typ. condition typ. max. ml61x113xx ml61x123xx ml61x133xx ml61x143xx v ds = 0.5v ml61x153xx ml61x163xx v in = 1.0v ml61x173xx ml61x183xx ml61x193xx ml61x202xx ml61x212xx ml61x222xx ml61x232xx ml61x242xx v ds = 0.5v ml61x252xx ml61x262xx v in = 2.0v ml61x272xx ml61x282xx ml61x292xx ML61X302XX ml61x312xx ml61x322xx ml61x332xx ml61x342xx v ds = 2.1v v ds = 0.5v ml61x352xx ml61x362xx v in = 8.0v v in = 3.0v ml61x372xx ml61x382xx ml61x392xx ml61x402xx ml61x412xx ml61x422xx ml61x432xx ml61x442xx v ds = 0.5v ml61x452xx ml61x462xx v in = 4.0v ml61x472xx ml61x482xx ml61x492xx ml61x502xx ml61x512xx ml61x522xx ml61x532xx ml61x542xx v ds = 0.5v ml61x552xx ml61x562xx v in = 5.0v ml61x572xx ml61x582xx ml61x592xx ml61x602xx ml61x702xx 0.2 1.0 0.8v 10v -10.0 13.0 3.0 5.0 11.0 part number operating voltage pch output current nch output curren t v in (v) pch i out (ma) nch i out (ma)
p5/13 rev. h, august 2009 ml61 package pin number sot-23-3 sot-89-3 to-92 pin name function 1 1 1 vout supply voltage output 3 2 2 vin supply voltage input 2 3 3 vss ground  pin configuration  test circuits sot-23-3 sot-89-3 to-92 supply current test circuit detector threshold test circuit nch driver output current test circuit pch driver output current test circuit
p6/13 rev. h, august 2009 ml61  functional description (refers to cmos output) 1. firstly, when a voltage, higher than the release voltage (v dr ) , is applied to the voltage input pin (v in ), that voltage will gradually fall. when a voltage higher than the detect voltage (v df ) is applied to the input voltage pin (v in ), output at v out will be equal to the input at the v in pin. high impedance exists on the output pin (v out ) with the n-channel open drain configuration. if the pin is pulled-up. v out will be identical to the pull-up voltage. 2. when the input voltage (v in ) falls below the detect voltage (v df ) level, the output voltage (v out ) is equal to the ground voltage (v ss ) level (detect state). also applicable to n-channel open drain configuration. 3. when the input voltage (v in ) falls below the minimum operating voltage (v min ) level, output becomes unstable. in the case of n-channel open drain configuration, as the output pin is generally pulled-up, the output will be equal to the pull-up voltage. 4. when the input voltage (v in ) rises, output become stable once the voltage has exceeded v min . the output voltage (v out ) will remain equal to the ground voltage (v ss ) level until the input voltage (v in ) reaches the detect release voltage (v dr ) level. 5. when the input voltage (v in ) rises above the detect release voltage (v dr ) level, output at the output pin (v out ) is equal to v in . (high impedance exists with the n-channel open drain output configuration and v out follows the pull-up voltage.) notes : 1. the difference between v dr and v df represents the hysteresis range. 2. the propagation delay time (t dly ) represents the time it takes for the input voltage (v in ) to appear at the output pin (v out ), once the said voltage has exceeded the release voltage (v dr ) level.  timing diagram
p7/13 rev. h, august 2009 ml61 1) supply current vs. input voltage ml61c272 0 0.5 1 1.5 2 2.5 3 3.5 0 1 2 3 4 5 6 7 8 9 10 input voltage vin(v) supply current iss(ua) topr =80 c topr =25 c topr =-40 c ml61c182 0 0.5 1 1.5 2 2.5 3 3.5 0 1 2 3 4 5 6 7 8 9 10 input voltage vin(v) supply current iss(ua) topr =80 c topr =25 c topr =-40 c 2) detect, release voltage vs. ambient temperature ml61c272 2.68 2.7 2.72 2.74 2.76 2.78 2.8 2.82 2.84 2.86 2.88 -60 -40 -20 0 20 40 60 80 100 ambient temperature ( ) detector threshold vdet(v) vdf vdr ml61c182 1.78 1.8 1.82 1.84 1.86 1.88 1.9 1.92 -60 -40 -20 0 20 40 60 80 100 ambient temperature ( ) detector threshold vdet(v) vdf vdr 3) output voltage vs. input voltage ml61c272 0 0.5 1 1.5 2 2.5 3 3.5 0 0.5 1 1.5 2 2.5 3 input voltage vin(v) output voltage vout(v) topt = 25 ml61c182 0 0.5 1 1.5 2 2.5 3 0 0.5 1 1.5 2 2.5 input voltage vin(v) output voltage vout(v) topt = 25  typical performance characteristics
p8/13 rev. h, august 2009 ml61 4) n-ch driver output current vs. v ds ml61c272 0 1 2 3 4 5 6 7 8 0 0.5 1 1.5 2 2.5 3 vds(v) output current iout(ma) topt = 25 vin = 2.5v vin = 2.0v vin = 1.5v ml61c182 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 vds(v) output current iout(ma) vin = 1.5v topt = 25 5) n-ch driver output current vs. input voltage ml61c272 0 1 2 3 4 5 6 7 0 0.5 1 1.5 2 2.5 3 input voltage vin(v) output current iout(ma) vds = 0.5v topr =80 c topr =25 c topr =-40 c ml61c182 0 0.5 1 1.5 2 2.5 3 3.5 4 0 0.5 1 1.5 2 input voltage vin(v) output current iout(ma) vds = 0.5v topr =80 c topr =25 c topr =-40 c 6) p-ch driver output current vs. input voltage ml61c272 0 1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 6 7 input voltage vin(v) output current iout(ma) vds = 2.0v topt = 25 vds = 1.5v vds = 1.0v vds = 0.5v ml61c182 0 1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 6 7 input voltage vin(v) output current iout(ma) vds = 2.0v topt = 25 vds = 1.5v vds = 1.0v vds = 0.5v
p9/13 rev. h, august 2009 ml61  ordering information  marking designator description a output configuration c = cmos output n = n-channel output detect voltage eg. 30=3.0v b 50=5.0v c detect voltage accuracy 2 = + 2.0% 3 = + 3.0% d package type m = sot-23-3 p = sot-89 t = to-92 e device orientation r = embossed tape (orientation of device : right) l = embossed tape (orientation of device : left) b = bag (to-92) h = paper tape (to-92) f g = rohs part gg = green part sot-89-3 : designator description 1 type c = voltage detector (cmos output) n = voltage detector (n-channel output) 2,3 output voltage eg. 30 = 3.0v 4 internal code sot-23-3 : designator description 1 type c = voltage detector (cmos output) n = voltage detector (n-channel output) 2,3 output voltage eg. 30 = 3.0v 4 internal code to-92 : designator description 1 type c = voltage detector (cmos output) n = voltage detector (n-channel output) 2,3 output voltage eg. 30 = 3.0v 4 internal code 5, 6 year code eg. 05 = year 2005 7, 8 week code eg. 30 = week 30
p10/13 rev. h, august 2009 ml61  packaging information  recommended pattern layout 0.4 -0.1 -0.05 (0.95) 1.9 0.2 2.9 0.2 1.6 -0.0.1 +1.2 2.8 0.2 1.1 0.1 min. 0.2 0 ~ 0.1 (0.8) 0.15 -0.1 -0.05 sot-23-3 1.5 0.1 1.5 0.1 0.49 0.06 0.42 0.06 0.42 0.06 2. 45 0.15 4.25 max 1.72 0.1 4.5 0.1 1.1 mm 0.4 0.04 1.5 0.1 sot-89-3 : 4.2 max 1.27 1.27 ? 5.2 max 5.3 max 12.7 min to-92 : 0.8 1.0 1.9 2.4 2.2 0.9 1.5 1.6 1.0 1. 0 3.7 45o 45o units : mm sot-23-3 : sot-89-3 :
p11/13 rev. h, august 2009 ml61  tape and reel information sot-23 taping specifications : direction of feed ?r? type [ orientation of device: right ] standard type direction of feed ?l? type [ orientation of device: left ] reverse type 4 0.1 2 0.05 ? 1.5 + 0.1 - 0 ? 1.1 0.1 1.75 0.1 3.5 0.05 8 0.2 4 0.1 size (mm) a ? 178 0.8 b 2 0.2 c ? 13 0.2 d ? 21 0.8 g 8 0.5 h ? 60 3,000 pcs / reel sot-23 :
p12/13 rev. h, august 2009 ml61 sot-89 taping specifications : direction of feed ?r? type [ orientation of device: right ] standard type sot-89 : size (mm) a ? 178 0.8 b 2 0.2 c ? 13 0.2 d ? 21 0.8 g 12 0.5 h ? 60 1,000 pcs / reel 4.0 0.1 1.5 0.1 5.65 0.05 8.0 0.1 12.0 0.2 2.0 0.05 ? 1.5 + 0.1 0 ?l? type [ orientation of device: left ] reverse type direction of feed
p13/13 rev. h, august 2009 ml61 size (mm) p 12.7 1.0 po 12.7 0.3 p2 6.35 0.4 f 2.5 +0.45/-0.15 w 18.0 1.0 wo 6.0 0.3 w1 9.0 0.5 w2 0.5 max h 19.0 0.5 h0 16.0 0.5 h1 32.25 max d ? 4.0 0.2 t 0.6 0.2 l1 3.5 min p2 p h 1 h wo w1 w d f po w2 h0 l1 t 2,000 pcs / box to-92 taping specifications : minilogic reserves the rights to change the informa tion and specifications without prior notice. the i nformation presented in this document does not form part of an y quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of i ts use.


▲Up To Search▲   

 
Price & Availability of ML61X302XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X